|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SKiiP 25NAB065V1 CONVERTER, INVERTER, BRAKE Absolute Maximum Ratings Symbol Conditions IGBT - Inverter, Chopper Values Units Diode - Inverter, Chopper MiniSKiiP 2 3-phase bridge rectifier + brake chopper + 3-phase bridge inverter SKiiP 25NAB065V1 Diode - Rectifier (R) Features Characteristics Symbol Conditions IGBT - Inverter, Chopper min. typ. max. Units Typical Applications Remarks Diode - Inverter, Chopper Diode - Rectifier Temperature Sensor Mechanical Data NAB 1 02-05-2007 SCT (c) by SEMIKRON SKiiP 25NAB065V1 CONVERTER, INVERTER, BRAKE Fig. 1 Typ. output characteristic Fig. 2 Typ. rated current vs. temperature Fig. 3 Typ. transfer characteristic Fig. 4 Reverse bias safe operating area Fig. 5 Typ. Turn-on /-off energy = f (IC) Fig. 6 Typ. Turn-on /-off energy = f (RG) 2 02-05-2007 SCT (c) by SEMIKRON SKiiP 25NAB065V1 CONVERTER, INVERTER, BRAKE Fig. 7 Typ. gate charge characteristic Fig. 8 Typ. thermal impedance Fig. 9 Typ. freewheeling diode forward characteristic Fig. 10 Typ. input bridge forward characteristic 3 02-05-2007 SCT (c) by SEMIKRON SKiiP 25NAB065V1 CONVERTER, INVERTER, BRAKE This is an electrostatic discharge sensitive device (ESDS), international standard IEC 60747-1, Chapter IX. This technical information specifies semiconductor devices but promises no characteristics. No warranty or guarantee expressed or implied is made regarding delivery, performance or suitability. 4 02-05-2007 SCT (c) by SEMIKRON |
Price & Availability of SKIIP25NAB065V1 |